công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments TLV431BQLPR Datasheet HTML 21Page - Texas Instruments TLV431BQLPR Datasheet HTML 22Page - Texas Instruments TLV431BQLPR Datasheet HTML 23Page - Texas Instruments TLV431BQLPR Datasheet HTML 24Page - Texas Instruments TLV431BQLPR Datasheet HTML 25Page - Texas Instruments TLV431BQLPR Datasheet HTML 26Page - Texas Instruments TLV431BQLPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
8.2.2 Shunt Regulator/Reference
Figure 8-5. Shunt Regulator Schematic
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-2 as the input parameters.
Table 8-2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Reference Initial Accuracy
1.0%
Supply Voltage
6V
Cathode Current (Ik)
1mA
Output Voltage Level
1.24V - 6V
Load Capacitance
100pF
Feedback Resistor Values and Accuracy (R1 and R2)
10kΩ
8.2.2.2 Detailed Design Procedure
When using TLV431 as a Shunt Regulator, determine the following:
• Input voltage range
• Temperature range
• Total accuracy
• Cathode current
• Reference initial accuracy
• Output capacitance
8.2.2.2.1 Programming Output/Cathode Voltage
To program the cathode voltage to a regulated voltage a resistive bridge must be shunted between the cathode
and anode pins with the mid point tied to the reference pin. This can be seen in Figure 8-5, with R1 and R2 being
the resistive bridge. The cathode/output voltage in the shunt regulator configuration can be approximated by the
equation shown in Figure 8-5. The cathode voltage can be more accurately determined by taking the cathode
current in to account
VO = (1 + R1 / R2) × Vref – Iref × R1 (1)
For Equation 1 to be valid, TLV431 must be fully biased so that it has enough open-loop gain to mitigate any
gain error. This can be done by meeting the Imin spec denoted in Recommended Operating Conditions table.
8.2.2.2.2 Total Accuracy
When programming the output above unity gain (Vka = Vref), TLV431 is susceptible to other errors that may
effect the overall accuracy beyond Vref. These errors include:
• R1 and R2 accuracies
• VI(dev) – Change in reference voltage over temperature
• ΔVref / ΔVKA – Change in reference voltage to the change in cathode voltage
• |zKA| – Dynamic impedance, causing a change in cathode voltage with cathode current
Worst-case cathode voltage can be determined taking all of the variables in to account. Application note Setting
the Shunt Voltage on an Adjustable Shunt Regulator (SLVA445) assists designers in setting the shunt voltage to
achieve optimum accuracy for this device.
www.ti.com
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com