công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TLV431BQLPR Datasheet HTML 1Page - Texas Instruments TLV431BQLPR Datasheet HTML 2Page - Texas Instruments TLV431BQLPR Datasheet HTML 3Page - Texas Instruments TLV431BQLPR Datasheet HTML 4Page - Texas Instruments TLV431BQLPR Datasheet HTML 5Page - Texas Instruments TLV431BQLPR Datasheet HTML 6Page - Texas Instruments TLV431BQLPR Datasheet HTML 7Page - Texas Instruments TLV431BQLPR Datasheet HTML 8Page - Texas Instruments TLV431BQLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5.5 Electrical Characteristics for TLV431
at 25°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV431
UNIT
MIN
TYP
MAX
VREF
Reference voltage
VKA = VREF,
IK=10mA
TA = 25°C
1.222
1.24
1.258
V
TA = full range
(1)
(see Figure 6-1)
TLV431C
1.21
1.27
TLV431I
1.202
1.278
TLV431Q
1.194
1.286
VREF(dev)
VREF deviation over full
temperature range(2)
VKA = VREF, IK = 10mA
(1) (see
Figure 6-1)
TLV431C
4
12
mV
TLV431I
6
20
TLV431Q
11
31
Ratio of VREF change in cathode
voltage change
VKA = VREF to 6V, IK = 10mA (see Figure 6-2)
-1.5
-2.7
mV/V
Iref
Reference terminal current
IK = 10mA, R1 = 10kΩ, R2 = open (see Figure 6-2)
0.15
0.5
µA
Iref(dev)
Iref deviation over full
temperature range(2)
IK = 10mA, R1 =10kΩ, R2 =
open
(1) (see Figure 6-2)
TLV431C
0.05
0.3
µA
TLV431I
0.1
0.4
TLV431Q
0.15
0.5
IK(min)
Minimum cathode current for
regulation
VKA = VREF (see Figure 6-1)
TLV431C/I
55
80
µA
TLV431Q
55
100
IK(off)
Off-state cathode current
VREF = 0, VKA = 6V (see Figure 6-3)
0.001
0.1
µA
|zKA|
Dynamic impedance(3)
VKA = VREF, f ≤ 1kHz, IK = 0.1mA to 15mA (see
Figure 6-1)
0.25
0.4
Ω
(1)
Full temperature ranges are –40°C to 125°C for TLV431Q, –40°C to 85°C for TLV431I, and 0°C to 70°C for TLV431C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained
over the rated temperature range. The average full-range temperature coefficient of the reference input voltage, αVREF, is defined as:
where ΔTA is the rated operating free-air temperature range of the device. αVREF can be positive or negative, depending on whether
minimum VREF or maximum VREF, respectively, occurs at the lower temperature.
(3)
The dynamic impedance is defined as
. When the device is operating with two external resistors (see Figure 6-2), the
total dynamic impedance of the circuit is defined as:
www.ti.com
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com