công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 18Page - Texas Instruments TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments TLV431BQLPR Datasheet HTML 21Page - Texas Instruments TLV431BQLPR Datasheet HTML 22Page - Texas Instruments TLV431BQLPR Datasheet HTML 23Page - Texas Instruments TLV431BQLPR Datasheet HTML 24Page - Texas Instruments TLV431BQLPR Datasheet HTML 25Page - Texas Instruments TLV431BQLPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
The more overdrive voltage provided, the faster the TLV431 will respond. This can be seen in Figure 8-3 and
Figure 8-4 where it displays the output responses to various input voltages.
For applications where TLV431 is being used as a comparator, it is best to set the trip point to greater than the
positive expected error (that is, +1.0% for the A version). For fast response, setting the trip point to > 10% of the
internal Vref should suffice.
For minimal voltage drop or difference from Vin to the ref pin, TI recommends using an input resistor < 10kΩ to
provide Iref.
8.2.1.2.3 Output Voltage and Logic Input Level
For the TLV431 to properly be used as a comparator, the logic output must be readable by the receiving logic
device. This is accomplished by knowing the input high and low level threshold voltage levels, typically denoted
by VIH and VIL.
As seen in Figure 8-3, TLV431's output low level voltage in open-loop/comparator mode is approximately 1V,
which is sufficient for some 3.3V supplied logic. However, this does not work for 2.5V or 1.8V supplied logic. To
accommodate this a resistive divider can be tied to the output to attenuate the output voltage to a voltage legible
to the receiving low voltage logic device.
TLV431's output high voltage is approximately Vsup due to TLV431 being open-collector. If Vsup is much higher
than the receiving logic's maximum input voltage tolerance, the output must be attenuated to accommodate the
outgoing logic's reliability.
When using a resistive divider on the output, be sure to make the sum of the resistive divider (R1 and R2 in
Figure 8-2) is much greater than Rsup to not interfere with TLV431's ability to pull close to Vsup when turning off.
8.2.1.2.3.1 Input Resistance
TLV431 requires an input resistance in this application to source the reference current (Iref) needed from this
device to be in the proper operating regions while turning on. The actual voltage seen at the ref pin will be Vref =
Vin – Iref × Rin. Because the Iref can be as high as 0.5µA, TI recommends using a resistance small enough that
will mitigate the error that Iref creates from Vin.
8.2.1.3 Application Curves
Figure 8-3. Output Response with Small Overdrive
Voltages
Figure 8-4. Output Response with Large Overdrive
Voltage
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com