| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367-PI bảng dữ liệu(PDF) 167 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367-PI bảng dữ liệu(HTML) 167 Page - PMC-Sierra, Inc |
|
167 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 153 RPDRLFQS[15:0]: The receive packet descriptor reference (RPDR) large buffer free queue start bits (RPDRLFQS[15:0]) define bits 17 to 2 of the Receive Packet Descriptor Reference Large Buffer Free Queue start address. This register is initialised by the host. The physical start address of the RPDRLF queue is the sum of RPDRLFQS[15:0] left shifted by 2 bits with the RQB[31:0] bits in the RMAC Receive Queue Base register. |