công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7367-PI bảng dữ liệu(PDF) 58 Page - PMC-Sierra, Inc

tên linh kiện PM7367-PI
Giải thích chi tiết về linh kiện  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI bảng dữ liệu(HTML) 58 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 54Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 57Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 60Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 62Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
44
Although a STATUS+RPDR only totals to 16 bits, each queue entry is a dword,
i.e. 32 bits. When the RMAC block writes a STATUS+RPDR to the ready queue,
it sets the third byte to 0 and the fourth (most significant) byte is unmodified.
Figure 7 – RPDRR Queue Operation
Rx Packet Descriptor Reference Ready Queue
Bit 0
Bit 31
STATUS + RPDR
RPDRRQ_START_ADDR
RPDRRQ_END_ADDR
RPDRRQ_READ_ADDR
RPDRRQ_WRITE_ADDR
STATUS + RPDR
STATUS + RPDR
RPD - 16 bytes
RPD - 16 bytes
RPD - 16 bytes
RPD - 16 bytes
RPD - 16 bytes
buffer
-packet M
buffer
-packet N
buffer
-start of
packet O
buffer
-middle of
packet O
buffer
-end of
packet O
Receive Channel Descriptor Reference Table
On a per-channel basis, the RMAC caches information such as the current DMA
information in a Receive Channel Descriptor Reference (RCDR) Table. The
RMAC can process 32 channels and stores three dwords of information per
channel. This information is cached internally in order to decrease the number
of host bus accesses required to process each data packet. The structure of the
RCDR table is shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com