| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367-PI bảng dữ liệu(PDF) 7 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367-PI bảng dữ liệu(HTML) 7 Page - PMC-Sierra, Inc |
|
7 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE vi REGISTER 0X210 : RHDL INDIRECT BLOCK SELECT ................................133 REGISTER 0X214 : RHDL INDIRECT BLOCK DATA .....................................135 REGISTER 0X220 : RHDL CONFIGURATION ...............................................137 REGISTER 0X224 : RHDL MAXIMUM PACKET LENGTH .............................139 REGISTER 0X280 : RMAC CONTROL...........................................................141 REGISTER 0X284 : RMAC INDIRECT CHANNEL PROVISIONING ..............144 REGISTER 0X288 : RMAC PACKET DESCRIPTOR TABLE BASE LSW ......146 REGISTER 0X28C : RMAC PACKET DESCRIPTOR TABLE BASE MSW.....147 REGISTER 0X290 : RMAC QUEUE BASE LSW ............................................149 REGISTER 0X294 : RMAC QUEUE BASE MSW ...........................................150 REGISTER 0X298 : RMAC PACKET DESCRIPTOR REFERENCE LARGE BUFFER FREE QUEUE START...........................................................152 REGISTER 0X29C : RMAC PACKET DESCRIPTOR REFERENCE LARGE BUFFER FREE QUEUE WRITE ..........................................................154 REGISTER 0X2A0 : RMAC PACKET DESCRIPTOR REFERENCE LARGE BUFFER FREE QUEUE READ ............................................................156 REGISTER 0X2A4 : RMAC PACKET DESCRIPTOR REFERENCE LARGE BUFFER FREE QUEUE END...............................................................158 REGISTER 0X2A8 : RMAC PACKET DESCRIPTOR REFERENCE SMALL BUFFER FREE QUEUE START...........................................................160 REGISTER 0X2AC : RMAC PACKET DESCRIPTOR REFERENCE SMALL BUFFER FREE QUEUE WRITE ..........................................................162 REGISTER 0X2B0 : RMAC PACKET DESCRIPTOR REFERENCE SMALL BUFFER FREE QUEUE READ ............................................................164 REGISTER 0X2B4 : RMAC PACKET DESCRIPTOR REFERENCE SMALL BUFFER FREE QUEUE END...............................................................166 REGISTER 0X2B8 : RMAC PACKET DESCRIPTOR REFERENCE READY QUEUE START ....................................................................................168 |