| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7367-PI bảng dữ liệu(PDF) 165 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367-PI bảng dữ liệu(HTML) 165 Page - PMC-Sierra, Inc |
|
165 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 151 RQB[31:0]: The receive queue base bits (RQB[31:0]) provides the base address of the Large Buffer RPDR Free, Small Buffer RPDR Free and RPDR Ready queues in PCI host memory. This register is initialised by the host. To calculate the physical address of a particular receive queue element, the RQB bits are added with the appropriate queue start, end, read or write index registers to form the physical address. The base address must be dword aligned and thus the least significant two bits must be written to logic zero. |