công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25Q128FVPF bảng dữ liệu(PDF) 71 Page - Winbond

tên linh kiện 25Q128FVPF
Giải thích chi tiết về linh kiện  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVPF bảng dữ liệu(HTML) 71 Page - Winbond

Back Button 25Q128FVPF Datasheet HTML 67Page - Winbond 25Q128FVPF Datasheet HTML 68Page - Winbond 25Q128FVPF Datasheet HTML 69Page - Winbond 25Q128FVPF Datasheet HTML 70Page - Winbond 25Q128FVPF Datasheet HTML 71Page - Winbond 25Q128FVPF Datasheet HTML 72Page - Winbond 25Q128FVPF Datasheet HTML 73Page - Winbond 25Q128FVPF Datasheet HTML 74Page - Winbond 25Q128FVPF Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 70 -
Revision M
8.2.33Read Security Registers (48h)
The Read Security Register instruction is similar to the Fast Read instruction and allows one or more
data bytes to be sequentially read from one of the four security registers. The instruction is initiated by
driving the /CS pin low and then shifting the instruction code “48h” followed by a 24-bit address (A23-A0)
and eight “dummy” clocks into the DI pin. The code and address bits are latched on the rising edge of
the CLK pin. After the address is received, the data byte of the addressed memory location will be
shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first. The byte
address is automatically incremented to the next byte address after each byte of data is shifted out.
Once the byte address reaches the last byte of the register (byte address FFh), it will reset to address
00h, the first byte of the register, and continue to increment. The instruction is completed by driving /CS
high. The Read Security Register instruction sequence is shown in Figure 47. If a Read Security
Register instruction is issued while an Erase, Program or Write cycle is in process (BUSY=1) the
instruction is ignored and will not have any effects on the current cycle. The Read Security Register
instruction allows clock rates from D.C. to a maximum of FR (see AC Electrical Characteristics).
ADDRESS
A23-16
A15-12
A11-8
A7-0
Security Register #1
00h
0 0 0 1
0 0 0 0
Byte Address
Security Register #2
00h
0 0 1 0
0 0 0 0
Byte Address
Security Register #3
00h
0 0 1 1
0 0 0 0
Byte Address
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (48h)
High Impedance
8
9
10
28
29
30
31
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
/CS
CLK
DI
(IO
0)
DO
(IO
1)
32
33
34
35
36
37
38
39
Dummy Byte
High Impedance
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
7
6
5
4
3
2
1
0
7
Data Out 2
*
7
6
5
4
3
2
1
0
*
7
6
5
4
3
2
1
0
43
31
0
= MSB
*
Figure 47. Read Security Registers Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com