| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMXRT105PDJM4A bảng dữ liệu(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT105PDJM4A bảng dữ liệu(HTML) 31 Page - NXP Semiconductors |
|
31 / 119 page ![]() Electrical Characteristics i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 NXP Semiconductors 31 NOTE USB_OTG1_VBUS and USB_OTG2_VBUS are not part of the power supply sequence and may be powered at any time. 4.2.1.2 Power-down sequence The following restrictions must be followed: • VDD_SNVS_IN supply must be turned off after any other power supply or be connected (shorted) with VDD_HIGH_IN supply. • If a coin cell is used to power VDD_SNVS_IN, then ensure that it is removed after any other supply is switched off. 4.2.1.3 Power supplies usage All I/O pins should not be externally driven while the I/O power supply for the pin (NVCC_xxx) is OFF. This can cause internal latch-up and malfunctions due to reverse current flows. For information about I/O power supply of each pin, see “Power Rail” columns in pin list tables of Section 6, Package information and contact assignments.” 4.2.2 Integrated LDO voltage regulator parameters Various internal supplies can be powered ON from internal LDO voltage regulators. All the supply pins named *_CAP must be connected to external capacitors. The on-board LDOs are intended for internal use only and should not be used to power any external circuitry. See the i.MX RT1060 Reference Manual (IMXRT1060RM) for details on the power tree scheme. NOTE The *_CAP signals should not be powered externally. These signals are intended for internal LDO operation only. 4.2.2.1 Digital regulators (LDO_SNVS) There are one digital LDO regulator (“Digital”, because of the logic loads that they drive, not because of their construction). The advantages of the regulator is to reduce the input supply variation because of its input supply ripple rejection and its on-die trimming. This translates into more stable voltage for the on-chip logics. The regulator has two basic modes: • Power Gate. The regulation FET is switched fully off limiting the current draw from the supply. The analog part of the regulator is powered down here limiting the power consumption. • Analog regulation mode. The regulation FET is controlled such that the output voltage of the regulator equals the target voltage. For additional information, see the i.MX RT1060 Reference Manual (IMXRT1060RM). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |