công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280025CPMSR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280025CPMSR
Giải thích chi tiết về linh kiện  TMS320F28002x Real-Time Microcontrollers
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280025CPMSR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  F280025CPMSR Datasheet HTML 1Page - Texas Instruments F280025CPMSR Datasheet HTML 2Page - Texas Instruments F280025CPMSR Datasheet HTML 3Page - Texas Instruments F280025CPMSR Datasheet HTML 4Page - Texas Instruments F280025CPMSR Datasheet HTML 5Page - Texas Instruments F280025CPMSR Datasheet HTML 6Page - Texas Instruments F280025CPMSR Datasheet HTML 7Page - Texas Instruments F280025CPMSR Datasheet HTML 8Page - Texas Instruments F280025CPMSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 240 page
background image
2 Applications
• Appliances
– Air conditioner outdoor unit
• Building automation
– Door operator drive control
• Industrial machine & machine tools
– Automated sorting equipment
– Textile machine
• EV charging infrastructure
– AC charging (pile) station
– DC charging (pile) station
– EV charging station power module
– Wireless EV charging station
• Renewable energy storage
– Energy storage power conversion system
(PCS)
• Solar energy
– Central inverter
– Micro inverter
– Solar power optimizer
– Solar arc protection
– Rapid shutdown
– Electricity meter
– String inverter
• Hybrids, electric & powertrain systems
– DC/DC converter
– Inverter & motor control
– On-board (OBC) & wireless charger
– Automotive pump
– Electric power steering (EPS)
• Body electronics & lighting
– Automotive HVAC compressor module
– DC/AC inverter
– Headlight
• AC inverter & VF drives
– AC drive control module
– AC drive position feedback
– AC drive power stage module
• Linear motor transport systems
– Linear motor power stage
• Single & multi axis servo drives
– Servo drive position feedback
– Servo drive power stage module
• Speed controlled BLDC drives
– AC-input BLDC motor drive
– DC-input BLDC motor drive
• Industrial power
– Industrial AC-DC
• UPS
– Three phase UPS
– Single phase online UPS
• Telecom & server power
– Merchant DC/DC
– Merchant network & server PSU
– Merchant telecom rectifiers
3 Description
The TMS320F28002x (F28002x) is a member of the C2000™ real-time microcontroller family of scalable, ultra-
low latency devices designed for efficiency in power electronics, including but not limited to: high power density,
high switching frequencies, and supporting the use of GaN and SiC technologies.
These include such applications as:
• Industrial motor drives
• Motor control
• Solar inverters
• Digital power
• Electrical vehicles and transportation
• Sensing and signal processing
The real-time control subsystem is based on TI’s 32-bit C28x DSP core, which provides 100MHz of signal-
processing performance for floating- or fixed-point code running from either on-chip flash or SRAM. The
C28x CPU is further boosted by the Trigonometric Math Unit (TMU) and VCRC (Cyclical Redundancy Check)
extended instruction sets, speeding up common algorithms key to real-time control systems.
High-performance analog blocks are integrated on the F28002x real-time microcontroller (MCU) and are closely
coupled with the processing and PWM units to provide optimal real-time signal chain performance. Fourteen
PWM channels, all supporting frequency-independent resolution modes, enable control of various power stages
from a 3-phase inverter to advanced multilevel power topologies.
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45C – MARCH 2020 – REVISED APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1 TMS320F280023 TMS320F280023-
Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More