công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280025CPMSR bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280025CPMSR
Giải thích chi tiết về linh kiện  TMS320F28002x Real-Time Microcontrollers
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280025CPMSR bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button F280025CPMSR Datasheet HTML 76Page - Texas Instruments F280025CPMSR Datasheet HTML 77Page - Texas Instruments F280025CPMSR Datasheet HTML 78Page - Texas Instruments F280025CPMSR Datasheet HTML 79Page - Texas Instruments F280025CPMSR Datasheet HTML 80Page - Texas Instruments F280025CPMSR Datasheet HTML 81Page - Texas Instruments F280025CPMSR Datasheet HTML 82Page - Texas Instruments F280025CPMSR Datasheet HTML 83Page - Texas Instruments F280025CPMSR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 240 page
background image
6.11.3.4.7 Crystal Oscillator Specifications
6.11.3.4.7.1 Crystal Oscillator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up
time(1)
f = 10 MHz
ESR MAX = 110 Ω
CL1 = CL2 = 24 pF
C0 = 7 pF
4
ms
f = 20 MHz
ESR MAX = 50 Ω
CL1 = CL2 = 24 pF
C0 = 7 pF
2
ms
Crystal drive level (DL)
1
mW
(1)
Start-up time is dependent on the crystal and tank circuit components. TI recommends that the crystal vendor characterize the
application with the chosen crystal.
6.11.3.4.7.2 Crystal Equivalent Series Resistance (ESR) Requirements
For the Crystal Equivalent Series Resistance (ESR) Requirements table:
1. Crystal shunt capacitance (C0) should be less than or equal to 7 pF.
2. ESR = Negative Resistance/3
Table 6-4. Crystal Equivalent Series Resistance (ESR) Requirements
CRYSTAL FREQUENCY (MHz)
MAXIMUM ESR (Ω)
(CL1 = CL2 = 12 pF)
MAXIMUM ESR (Ω)
(CL1 = CL2 = 24 pF)
10
55
110
12
50
95
14
50
90
16
45
75
18
45
65
20
45
50
Effective CL (pF)
Negative Resistance vs. 10MHz Crystal
2
4
6
8
10
12
14
16
0
500
1000
1500
2000
2500
3000
C0 (pF)
1
3
5
7
9
Figure 6-20. Negative Resistance Variation at 10 MHz
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45C – MARCH 2020 – REVISED APRIL 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1 TMS320F280023 TMS320F280023-
Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com