công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280025CPMSR bảng dữ liệu(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280025CPMSR
Giải thích chi tiết về linh kiện  TMS320F28002x Real-Time Microcontrollers
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280025CPMSR bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button F280025CPMSR Datasheet HTML 48Page - Texas Instruments F280025CPMSR Datasheet HTML 49Page - Texas Instruments F280025CPMSR Datasheet HTML 50Page - Texas Instruments F280025CPMSR Datasheet HTML 51Page - Texas Instruments F280025CPMSR Datasheet HTML 52Page - Texas Instruments F280025CPMSR Datasheet HTML 53Page - Texas Instruments F280025CPMSR Datasheet HTML 54Page - Texas Instruments F280025CPMSR Datasheet HTML 55Page - Texas Instruments F280025CPMSR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 240 page
background image
6.5.2 Operating Mode Test Description
Section 6.5.1 and Section 6.5.4.1 list the current consumption values for the operational mode of the device. The
operational mode provides an estimation of what an application might encounter. The test condition for these
measurements has the following properties:
• Code is executing from RAM.
• FLASH is read and kept in active state.
• No external components are driven by I/O pins.
• All peripherals have clocks enabled.
• All CPUs are actively executing code.
• All analog peripherals are powered up. ADCs and DACs are periodically converting.
6.5.3 Current Consumption Graphs
Figure 6-2, Figure 6-3, Figure 6-4, Figure 6-5, and Figure 6-6 show a typical representation of the relationship
between frequency, temperature, core supply, and current consumption on the device. Actual results will vary
based on the system implementation and conditions.
Figure 6-3 shows the typical operating current profile across temperature and core supply voltage. Figure 6-4
shows the typical idle current profile across temperature and core supply voltage. Figure 6-5 shows the typical
standby current profile across temperature and core supply voltage. Figure 6-6 shows the typical halt current
profile across temperature and core supply voltage.
Note
Data for Figure 6-2 was collected at 30°C.
Figure 6-2. Operating Current Versus Frequency
Figure 6-3. Operating Current Versus Temperature
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45C – MARCH 2020 – REVISED APRIL 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1 TMS320F280023 TMS320F280023-
Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com