công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H838024R bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện H838024R
Giải thích chi tiết về linh kiện  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 69Page - Renesas Technology Corp H838024R Datasheet HTML 70Page - Renesas Technology Corp H838024R Datasheet HTML 71Page - Renesas Technology Corp H838024R Datasheet HTML 72Page - Renesas Technology Corp H838024R Datasheet HTML 73Page - Renesas Technology Corp H838024R Datasheet HTML 74Page - Renesas Technology Corp H838024R Datasheet HTML 75Page - Renesas Technology Corp H838024R Datasheet HTML 76Page - Renesas Technology Corp H838024R Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 31 of 652
REJ09B0042-0700
2.3.2
Memory Data Formats
Figure 2.4 indicates the data formats in memory. The H8/300L CPU can access word data stored
in memory (MOV.W instruction), but the word data must always begin at an even address. If word
data starting at an odd address is accessed, the least significant bit of the address is regarded as 0,
and the word data starting at the preceding address is accessed. The same applies to instruction
codes.
Data Format
76543210
Address
Data Type
70
Address n
MSB
LSB
MSB
LSB
Upper 8 bits
Lower 8 bits
MSB
LSB
CCR
CCR*
MSB
LSB
MSB
LSB
Address n
Even address
Odd address
Even address
Odd address
Even address
Odd address
1-bit data
Byte data
Word data
Byte data (CCR) on stack
Word data on stack
[Legend]
CCR: Condition code register
Note:
* Ignored on return
Figure 2.4 Memory Data Formats
When the stack is accessed using R7 as an address register, word access should always be
performed. When the CCR is pushed on the stack, two identical copies of the CCR are pushed to
make a complete word. When they are restored, the lower byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com