| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913-E/SS bảng dữ liệu(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913-E/SS bảng dữ liệu(HTML) 69 Page - Microchip Technology |
|
69 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 67 PIC16F913/914/916/917/946 3.5.1.6 RC5/T1CKI/CCP1/SEG10 Figure 3-19 shows the diagram for this pin. The RC5 pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 clock input • a Capture input, Compare output or PWM output • an analog output for the LCD FIGURE 3-19: BLOCK DIAGRAM OF RC5 CCP1 Data Out (PORT/CCP1 Select) and CCPMX RD PORTC Data Bus WR PORTC WR TRISC I/O Pin RD TRISC 1 0 Q D Q CK Data Latch Q D Q CK TRIS Latch Schmitt Trigger SE10 and LCDEN Timer1 Clock Input SEG10 SE10 and LCDEN VDD VSS |