công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-E/SS bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện PIC16F913-E/SS
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SS bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button PIC16F913-E/SS Datasheet HTML 61Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 62Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 63Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 64Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 65Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 66Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F913-E/SS Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 63
PIC16F913/914/916/917/946
3.5.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTC pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the LCD or SSP, refer to the appropriate section
in this data sheet.
3.5.1.1
RC0/VLCD1
Figure 3-14 shows the diagram for this pin. The RC0
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the LCD bias voltage
3.5.1.2
RC1/VLCD2
Figure 3-15 shows the diagram for this pin. The RC1
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the LCD bias voltage
3.5.1.3
RC2/VLCD3
Figure 3-16 shows the diagram for this pin. The RC2
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the LCD bias voltage
FIGURE 3-14:
BLOCK DIAGRAM OF RC0
RD PORTC
VLCD1
I/O Pin
Schmitt
Trigger
Q
D
CK
Data Latch
TRIS Latch
RD TRISC
Data Bus
WR PORTC
WR TRISC
Q
D
CK
Q
Q
(VLCDEN and LMUX<1:0>
≠ 00)
(LCDEN and LMUX<1:0>
≠ 00)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More