công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-I/ML bảng dữ liệu(PDF) 112 Page - Microchip Technology

tên linh kiện PIC16F913-I/ML
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML bảng dữ liệu(HTML) 112 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 108Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 109Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 110Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 111Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 112Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 113Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 114Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 115Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 110
© 2007 Microchip Technology Inc.
FIGURE 8-2:
COMPARATOR C1 OUTPUT BLOCK DIAGRAM
FIGURE 8-3:
COMPARATOR C2 OUTPUT BLOCK DIAGRAM
DQ
EN
To C1OUT pin
RD CMCON0
Set C1IF bit
Q3*RD CMCON0
Reset
To Data Bus
C1INV
DQ
EN
CL
Q1
Note 1: Q1 and Q3 are phases of the four-phase system clock (FOSC).
2: Q1 is held high during Sleep mode.
C1
C2SYNC
DQ
EN
To C2OUT pin
RD CMCON0
Set C2IF bit
Q3*RD CMCON0
Reset
To Data Bus
C2INV
Timer1
clock source(1)
0
1
To SYNCC2OUT
DQ
DQ
EN
CL
Q1
Note 1: Comparator output is latched on falling edge of Timer1 clock source.
2: Q1 and Q3 are phases of the four-phase system clock (FOSC).
3: Q1 is held high during Sleep mode.
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More