công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-I/ML bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện PIC16F913-I/ML
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 50Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 45
PIC16F913/914/916/917/946
3.2.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions,
refer to the appropriate section in this data sheet.
3.2.1.1
RA0/AN0/C1-/SEG12
Figure 3-1 shows the diagram for this pin. The RA0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an analog input for Comparator C1
• an analog output for the LCD
FIGURE 3-1:
BLOCK DIAGRAM OF RA0
Q
D
Q
CK
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Analog Input or
I/O Pin
Q
D
Q
CK
TTL
Input Buffer
To A/D Converter and Comparator
SEG12
SE12 and LCDEN
SE12 and LCDEN
Data Bus
WR PORTA
WR TRISA
SE12 and LCDEN
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More