công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-I/ML bảng dữ liệu(PDF) 98 Page - Microchip Technology

tên linh kiện PIC16F913-I/ML
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML bảng dữ liệu(HTML) 98 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 94Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 95Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 96Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 97Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 98Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 99Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 100Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 101Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 96
© 2007 Microchip Technology Inc.
4.7.3
CHECKING TWO-SPEED CLOCK
STATUS
Checking the state of the OSTS bit of the OSCCON
register will confirm if the microcontroller is running
from the external clock source, as defined by the
FOSC<2:0> bits in the Configuration Word register
(CONFIG), or the internal oscillator.
FIGURE 4-7:
TWO-SPEED START-UP
0
1
1022 1023
PC + 1
TOST
T
HFINTOSC
OSC1
OSC2
Program Counter
System Clock
PC - N
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More