| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913-I/ML bảng dữ liệu(PDF) 111 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913-I/ML bảng dữ liệu(HTML) 111 Page - Microchip Technology |
|
111 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 109 PIC16F913/914/916/917/946 8.0 COMPARATOR MODULE Comparators are used to interface analog circuits to a digital circuit by comparing two analog voltages and providing a digital indication of their relative magnitudes. The comparators are very useful mixed signal building blocks because they provide analog functionality independent of the program execution. The Analog Comparator module includes the following features: • Dual comparators • Multiple comparator configurations • Comparator outputs are available internally/externally • Programmable output polarity • Interrupt-on-change • Wake-up from Sleep • Timer1 gate (count enable) • Output synchronization to Timer1 clock input • Programmable voltage reference 8.1 Comparator Overview A comparator is shown in Figure 8-1 along with the relationship between the analog input levels and the digital output. When the analog voltage at VIN+ is less than the analog voltage at VIN-, the output of the comparator is a digital low level. When the analog voltage at VIN+ is greater than the analog voltage at VIN-, the output of the comparator is a digital high level. FIGURE 8-1: SINGLE COMPARATOR This device contains two comparators as shown in Figure 8-2 and Figure 8-3. The comparators are not independently configurable. Note: Only Comparator C2 can be linked to Timer1. – + VIN+ VIN- Output Output VIN+ VIN- Note: The black areas of the output of the comparator represents the uncertainty due to input offsets and response time. |