| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635-E/SSQTP bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635-E/SSQTP bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 9 PIC12F635/PIC16F636/639 1.0 DEVICE OVERVIEW This document contains device specific information for the PIC12F635/PIC16F636/639 devices. Block Diagrams and pinout descriptions of the devices are as follows: • PIC12F635 (Figure 1-1, Table 1-1) • PIC16F636 (Figure 1-2, Table 1-2) • PIC16F639 (Figure 1-3, Table 1-3) FIGURE 1-1: PIC12F635 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode and Control Timing Generation OSC1/CLKIN OSC2/CLKOUT GPIO 8 8 8 3 8-level Stack 64 bytes 1K x 14 (13-bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VDD Brown-out Reset Cryptographic Timer0 Timer1 Data EEPROM 128 bytes EEDAT EEADDR GP0 GP1 GP2 GP3 GP4 GP5 Module T0CKI T1CKI Configuration T1G 1 Analog Comparator and Reference C1IN- C1IN+ C1OUT VSS Programmable Low-Voltage Detect Wake-up Reset 31 kHz Oscillator Internal 8 MHz Oscillator Internal |