| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635-E/SSQTP bảng dữ liệu(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635-E/SSQTP bảng dữ liệu(HTML) 86 Page - Microchip Technology |
|
86 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 84 © 2007 Microchip Technology Inc. FIGURE 7-10: COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM REGISTER 7-5: VRCON: VOLTAGE REFERENCE CONTROL REGISTER R/W-0 U-0 R/W-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 VREN —VRR — VR3 VR2 VR1 VR0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 VREN: CVREF Enable bit 1 = CVREF circuit powered on 0 = CVREF circuit powered down, no IDD drain and CVREF = VSS. bit 6 Unimplemented: Read as ‘0’ bit 5 VRR: CVREF Range Selection bit 1 = Low range 0 = High range bit 4 Unimplemented: Read as ‘0’ bit 3-0 VR<3:0>: CVREF Value Selection bits (0 ≤ VR<3:0> ≤ 15) When VRR = 1: CVREF = (VR<3:0>/24) * VDD When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD VRR 8R VR<3:0>(1) 16-1 Analog 8R R R R R CVREF to 16 Stages Comparator Input VREN VDD MUX VR<3:0> = 0000 VREN VRR 0 1 2 14 15 Note 1: Care should be taken to ensure VREF remains within the comparator common mode input range. See Section 15.0 “Electrical Specifica- tions” for more detail. |