| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635-E/SSQTP bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635-E/SSQTP bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 80 © 2007 Microchip Technology Inc. REGISTER 7-2: CMCON0: COMPARATOR CONFIGURATION REGISTER (PIC16F636/639) R-0 R-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 C2OUT: Comparator 2 Output bit When C2INV = 0: 1 = C2 VIN+ > C2 VIN- 0 = C2 VIN+ < C2 VIN- When C2INV = 1: 1 = C2 VIN+ < C2 VIN- 0 = C2 VIN+ > C2 VIN- bit 6 C1OUT: Comparator 1 Output bit When C1INV = 0: 1 = C1 VIN+ > C1 VIN- 0 = C1 VIN+ < C1 VIN- When C1INV = 1: 1 = C1 VIN+ < C1 VIN- 0 = C1 VIN+ > C1 VIN- bit 5 C2INV: Comparator 2 Output Inversion bit 1 = C2 output inverted 0 = C2 output not inverted bit 4 C1INV: Comparator 1 Output Inversion bit 1 = C1 Output inverted 0 = C1 Output not inverted bit 3 CIS: Comparator Input Switch bit When CM<2:0> = 010: 1 = C1IN+ connects to C1 VIN- C2IN+ connects to C2 VIN- 0 = C1IN- connects to C1 VIN- C2IN- connects to C2 VIN- When CM<2:0> = 001: 1 = C1IN+ connects to C1 VIN- 0 = C1IN- connects to C1 VIN- bit 2-0 CM<2:0>: Comparator Mode bits (See Figure 7-5) 000 = Comparators off. CxIN pins are configured as analog 001 = Three inputs multiplexed to two comparators 010 = Four inputs multiplexed to two comparators 011 = Two common reference comparators 100 = Two independent comparators 101 = One independent comparator 110 = Two comparators with outputs and common reference 111 = Comparators off. CxIN pins are configured as digital I/O |