công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC28J60T-C/SO bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện ENC28J60T-C/SO
Giải thích chi tiết về linh kiện  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 15Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 16Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 17Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 18Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 19Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 20Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 21Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 22Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 17
ENC28J60
3.2
Ethernet Buffer
The Ethernet buffer contains transmit and receive
memory used by the Ethernet controller. The entire
buffer is 8 Kbytes, divided into separate receive and
transmit buffer spaces. The sizes and locations of
transmit and receive memory are fully programmable
by the host controller using the SPI interface.
The relationship of the buffer spaces is shown in
Figure 3-2.
3.2.1
RECEIVE BUFFER
The receive buffer constitutes a circular FIFO buffer
managed
by
hardware.
The
register
pairs
ERXSTH:ERXSTL and ERXNDH:ERXNDL serve as
Pointers to define the buffer’s size and location within
the memory. The byte pointed to by ERXST and the
byte pointed to by ERXND are both included in the
FIFO buffer.
As bytes of data are received from the Ethernet
interface, they are written into the receive buffer
sequentially. However, after the memory pointed to by
ERXND is written to, the hardware will automatically
write the next byte of received data to the memory
pointed to by ERXST. As a result, the receive hardware
will never write outside the boundaries of the FIFO.
The host controller may program the ERXST and
ERXND Pointers when the receive logic is not enabled.
The Pointers must not be modified while the receive
logic is enabled (ECON1.RXEN is set). If desired, the
Pointers may span the 1FFFh to 0000h memory
boundary; the hardware will still operate as a FIFO.
The ERXWRPTH:ERXWRPTL registers define a
location within the FIFO where the hardware will write
bytes that it receives. The Pointer is read-only and is
automatically updated by the hardware whenever a
new packet is successfully received. The Pointer is
useful for determining how much free space is
available within the FIFO.
The ERXRDPT registers define a location within the
FIFO where the receive hardware is forbidden to write
to. In normal operation, the receive hardware will write
data up to, but not including, the memory pointed to by
ERXRDPT. If the FIFO fills up with data and new data
continues to arrive, the hardware will not overwrite the
previously received data. Instead, the new data will be
thrown away and the old data will be preserved. In
order to continuously receive new data, the host con-
troller must periodically advance this Pointer whenever
it finishes processing some, or all, of the old received
data.
3.2.2
TRANSMIT BUFFER
Any space within the 8-Kbyte memory, which is not
programmed as part of the receive FIFO buffer, is
considered to be the transmit buffer. The responsibility
of managing where packets are located in the transmit
buffer belongs to the host controller. Whenever the host
controller decides to transmit a packet, the ETXST and
ETXND Pointers are programmed with addresses
specifying where, within the transmit buffer, the partic-
ular packet to transmit is located. The hardware does
not check that the start and end addresses do not
overlap with the receive buffer. To prevent buffer
corruption, the host controller must make sure to not
transmit a packet while the ETXST and ETXND
Pointers are overlapping the receive buffer, or while the
ETXND Pointer is too close to the receive buffer. See
Section 7.1
“Transmitting
Packets”
for
more
information.
3.2.3
READING AND WRITING TO
THE BUFFER
The Ethernet buffer contents are accessed from the
host controller though separate Read and Write Point-
ers (ERDPT and EWRPT) combined with the read
buffer
memory
and
write
buffer
memory
SPI
commands. While sequentially reading from the
receive buffer, a wrapping condition will occur at the
end of the receive buffer. While sequentially writing to
the buffer, no wrapping conditions will occur. See
Section 4.2.2 “Read Buffer Memory Command” and
Section 4.2.4 “Write Buffer Memory Command” for
more information.
3.2.4
DMA ACCESS TO THE BUFFER
The integrated DMA controller must read from the buffer
when calculating a checksum and it must read and write
to the buffer when copying memory. The DMA follows
the same wrapping rules that SPI accesses do. While it
sequentially reads, it will be subject to a wrapping condi-
tion at the end of the receive buffer. All writes it does will
not be subject to any wrapping conditions. See
Section 13.0 “Direct Memory Access Controller” for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com