công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC28J60T-C/SO bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện ENC28J60T-C/SO
Giải thích chi tiết về linh kiện  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 34Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 35Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 36Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 37Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 38Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 39Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 40Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 41Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
ENC28J60
DS39662B-page 36
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 6-3:
MACON4: MAC CONTROL REGISTER 4
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R-0
R-0
—
DEFER
BPEN
NOBKOFF
—
—r
r
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
DEFER: Defer Transmission Enable bit (applies to half duplex only)
1
= When the medium is occupied, the MAC will wait indefinitely for it to become free when attempting
to transmit (use this setting for 802.3 compliance)
0
= When the medium is occupied, the MAC will abort the transmission after the excessive deferral
limit is reached
bit 5
BPEN: No Backoff During Backpressure Enable bit (applies to half duplex only)
1
= After incidentally causing a collision during backpressure, the MAC will immediately begin
retransmitting
0
= After incidentally causing a collision during backpressure, the MAC will delay using the Binary
Exponential Backoff algorithm before attempting to retransmit (normal operation)
bit 4
NOBKOFF: No Backoff Enable bit (applies to half duplex only)
1
= After any collision, the MAC will immediately begin retransmitting
0
= After any collision, the MAC will delay using the Binary Exponential Backoff algorithm before
attempting to retransmit (normal operation)
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
Reserved: Maintain as ‘0’
REGISTER 6-4:
MABBIPG: MAC BACK-TO-BACK INTER-PACKET GAP REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
BBIPG6
BBIPG5
BBIPG4
BBIPG3
BBIPG2
BBIPG1
BBIPG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-0
BBIPG6:BBIPG0: Back-to-Back Inter-Packet Gap Delay Time bits
When FULDPX (MACON3<0>) = 1:
Nibble time offset delay between the end of one transmission and the beginning of the next in a
back-to-back sequence. The register value should be programmed to the desired period in nibble times
minus 3. The recommended setting is 15h which represents the minimum IEEE specified Inter-Packet
Gap (IPG) of 9.6
μs.
When FULDPX (MACON3<0>) = 0:
Nibble time offset delay between the end of one transmission and the beginning of the next in a
back-to-back sequence. The register value should be programmed to the desired period in nibble times
minus 6. The recommended setting is 12h which represents the minimum IEEE specified Inter-Packet
Gap (IPG) of 9.6
μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com