công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC28J60T-C/SO bảng dữ liệu(PDF) 54 Page - Microchip Technology

tên linh kiện ENC28J60T-C/SO
Giải thích chi tiết về linh kiện  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SO bảng dữ liệu(HTML) 54 Page - Microchip Technology

Back Button ENC28J60T-C/SO Datasheet HTML 50Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 51Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 52Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 53Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 54Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 55Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 56Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 57Page - Microchip Technology ENC28J60T-C/SO Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
ENC28J60
DS39662B-page 52
Preliminary
© 2006 Microchip Technology Inc.
8.3
Magic Packet™ Filter
The Magic Packet filter checks the destination address
and data fields of all incoming packets. If the destination
address matches the MAADR registers and the data
field holds a valid Magic Packet pattern someplace
within it, then the packet will meet the Magic Packet filter
criteria. The Magic Packet pattern consists of a sync
pattern of six 0xFF bytes, followed by 16 repeats of the
destination address. See Figure 8-4 for a sample Magic
Packet.
FIGURE 8-4:
SAMPLE MAGIC PACKET™ FORMAT
8.4
Hash Table Filter
The hash table receive filter performs a CRC over the
six destination address bytes in the packet. The CRC is
then used as a Pointer into the bits of the EHT regis-
ters. If the Pointer points to a bit which is set, the packet
meets the hash table filter criteria. For example, if the
CRC is calculated to be 0x5, bit 5 in the hash table will
be checked. If it is set, the hash table filter criteria will
be met. If every bit is clear in the hash table, the filter
criteria will never be met. Similarly, if every bit is set in
the hash table, the filter criteria will always be met.
8.5
Multicast Filter
The multicast receive filter checks the destination
address of all incoming packets. If the Least Significant
bit of the first byte of the destination address is set, the
packet will meet the multicast filter criteria.
8.6
Broadcast Filter
The broadcast receive filter checks the destination
address of all incoming packets. If the destination
address is FF-FF-FF-FF-FF-FF, the packet will meet
the broadcast filter criteria.
SA
FCS
DA
Type/Length
11
22 33 44 55 66
00 FE
09 0A 0B 0C 0D 0E
Received
Data
Field
77 88 99 AA BB CC
EF 54 32 10
FF FF FF FF FF 00
FF FF FF FF FF FF
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
11
22 33 44 55 66
19 1A 1B 1C 1D 1E
Data
Sync Pattern
Sixteen Repeats of
the Station Address
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com