công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FALXT972MLAA4 bảng dữ liệu(PDF) 31 Page - Intel Corporation

tên linh kiện FALXT972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 bảng dữ liệu(HTML) 31 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 27Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 28Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 29Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 30Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 31Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 32Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 33Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 34Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
31
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.4.1
MDIO Control Mode and Hardware Control Mode
In the MDIO Control mode, the LXT972M Transceiver reads the Hardware Control Interface pins
to set the initial (default) values of the MDIO registers. Once the initial values are set, bit control
reverts to the MDIO interface.
The following modes are available using MDIO Control.
• Force network link operation to:
— 100BASE-TX, Full-Duplex
— 100BASE-TX, Half-Duplex
— 10BASE-T, Full-Duplex
— 10BASE-T, Half-Duplex
• Allow auto-negotiation/parallel-detection
On power-up or hardware reset, the LXT972M Transceiver reads the Hardware Control Interface
pins and sets the MDIO registers accordingly.
The following modes are available using the Hardware Control:
• Auto-negotiation-enabled advertising, either:
— 10/100 BASE-T Full/Half Duplex
— 10/100 BASE-T Half Duplex
• LXT972M Transceiver device ID enable
• Link Hold-off
When the network link is forced to a specific configuration, the LXT972M Transceiver
immediately begins operating the network interface as commanded. When auto-negotiation is
enabled, the LXT972MTransceiver begins the auto-negotiation/parallel-detection operation.
5.4.2
Reduced-Power Modes
This section discusses the LXT972M Transceiver reduced-power modes.
5.4.2.1
Software Power Down
Software power-down control is provided by Register bit 0.11 in the Control Register. (See
Table 41 on page 76.) During soft power-down, the following conditions are true:
• The network port is shut down.
• The MDIO registers remain accessible.
5.4.3
Reset for Intel® LXT972M Transceiver
The LXT972M Transceiver provides both hardware and software resets, each of which manage
differently the configuration control of auto-negotiation, speed, and duplex-mode selection.
For a software reset, Register bit 0.15 = 1. For register bit definitions used for software reset, see
Table 41, “Control Register - Address 0, Hex 0” on page 76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com