công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FALXT972MLAA4 bảng dữ liệu(PDF) 16 Page - Intel Corporation

tên linh kiện FALXT972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 bảng dữ liệu(HTML) 16 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 12Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 13Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 14Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 15Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 16Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 17Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 18Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 19Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
16
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 4 lists signal descriptions of the LXT972M Transceiver MII data interface pins.
Table 4.
Intel® LXT972M Transceiver MII Data Interface Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
47
46
45
44
TXD3
TXD2
TXD1
TXD0
I
Transmit Data.
TXD is a group of parallel data signals that are driven by the MAC.
TXD[3:0] transition synchronously with respect to TX_CLK.
TXD[0] is the least-significant bit.
43
TX_EN
I
Transmit Enable.
The MAC asserts this signal when it drives valid data on TXD.
This signal must be synchronized to TX_CLK.
42
TX_CLK
O
Transmit Clock.
TX_CLK is sourced by the PHY in both 10 and 100 Mbps
operations.
2.5 MHz for 10 Mbps operation
25 MHz for 100 Mbps operation.
33
34
35
36
RXD3
RXD2
RXD1
RXD0
O
Receive Data.
RXD is a group of parallel signals that transition synchronously with
respect to RX_CLK.
RXD[0] is the least-significant bit.
37
RX_DV
O
Receive Data Valid.
The LXT972M Transceiver asserts this signal when it drives valid
data on RXD.
This output is synchronous to RX_CLK.
41
RX_ER
O
Receive Error.
Signals a receive error condition has occurred.
This output is synchronous to RX_CLK.
40
RX_CLK
O
Receive Clock.
25 MHz for 100 Mbps operation.
2.5 MHz for 10 Mbps operation.
For details, see “Clock Requirements” on page 28 in Chapter 5.0,
“Functional Description”.
48
COL
O
Collision Detected.
The LXT972M Transceiver asserts this output when a collision is
detected.
This output remains High for the duration of the collision.
This signal is asynchronous and is inactive during full- duplex
operation.
1
CRS
O
Carrier Sense.
During half-duplex operation (Register bit 0.8 = 0), the LXT972M
Transceiver asserts this output when either transmitting or receiving
data packets.
During full-duplex operation (Register bit 0.8 = 1), CRS is asserted
only during receive.
CRS assertion is asynchronous with respect to RX_CLK. CRS is
de-asserted on loss of carrier, synchronous to RX_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com