công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FALXT972MLAA4 bảng dữ liệu(PDF) 27 Page - Intel Corporation

tên linh kiện FALXT972MLAA4
Giải thích chi tiết về linh kiện  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 bảng dữ liệu(HTML) 27 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 23Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 24Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 25Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 26Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 27Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 28Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 29Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 30Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
27
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2.3.1.2
MDIO Frame Structure
The physical interface consists of a data line (MDIO) and clock line (MDC). The frame structure is
shown in Figure 3 and Figure 4 (Read and Write).
MDIO Interface timing is given in Chapter 7.0, “Electrical Specifications”.
5.2.3.2
Hardware Control Interface
The LXT972M Transceiver provides a Hardware Control Interface for applications where the
MDIO is not desired. The Hardware Control Interface uses the hardware configuration pins to set
device configuration. For details, see Section 5.4.4, “Hardware Configuration Settings” on
page 33.
Figure 3. Management Interface Read Frame Structure
Figure 4. Management Interface Write Frame Structure
MDC
MDIO
(Read)
32 "1"s
0110
Preamble
ST
Op Code
PHY Address
Turn
Around
Z0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
Data
Write
Read
D15
D14
D1
D0
Idle
High Z
B3489-01
MDC
MDIO
(Write)
32 "1"s
0101
Preamble
ST
Op Code
PHY Address
Turn
Around
1
0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
D0
Data
Idle
Idle
Write
B3490-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com