công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4559 bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện 4559
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 38Page - Renesas Technology Corp 4559 Datasheet HTML 39Page - Renesas Technology Corp 4559 Datasheet HTML 40Page - Renesas Technology Corp 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 42 of 146
REJ03B0188-0104
4559 Group
When the watchdog timer is used, clear the WDF1 flag at the
period of 65534 machine cycles or less with the WRST
instruction.
When the watchdog timer is not used, execute the DWDT
instruction and the WRST instruction continuously (refer to
Figure 41).
The watchdog timer is not stopped with only the DWDT
instruction.
The contents of WDF1 flag and timer WDT are initialized at the
power down mode.
When using the watchdog timer and the power down mode,
initialize the WDF1 flag with the WRST instruction just before
the microcomputer enters the power down mode. Also, set the
NOP instruction after the WRST instruction, for the case when a
skip is performed with the WRST instruction (refer to Figure 42).
Fig 41. Program example to start/stop watchdog timer
Fig 42. Program example when using the watchdog
timer
•
•
•
WRST
; WDF1 flag cleared
•
•
•
DI
DWDT
; Watchdog timer function enabled/disabled
WRST
; WEF and WDF1 flags cleared
•
•
•
•
•
•
WRST
; WDF1 flag cleared
NOP
DI
; Interrupt disabled
EPOF
; POF instruction enabled
POF2
; RAM back-up mode
↓
Oscillation stop
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More