| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADBMS2950BCCSZ bảng dữ liệu(PDF) 50 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADBMS2950BCCSZ bảng dữ liệu(HTML) 50 Page - Analog Devices |
|
50 / 97 page ![]() ADBMS2950B Data Sheet Rev. 0 | Page 50 of 97 BYTE BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 5 VB2MUX VB1MUX SNAPST REFUP COMMBK ACCI[2:0] Table 70. CFGA Bit Description Name Type Reset Value Description OCEN RW 0 OCxADC Enable. 0 OC1ADC, OC2ADC, OC3ADC disabled. 1 OC1ADC, OC2ADC, OC3ADC enabled. VB1MUX RW 0 VB1MUX Input Multiplexer Select. The VB1ADC latches the value of this bit upon receiving an ADI1 command. A change to this bit must be followed by a new ADI1 command for the ADC behavior to update. 0 VB1ADC measures VBAT1 vs. SGND. 1 VB1ADC measures VBAT1 vs. VBAT2. VB2MUX RW 0 VB2MUX Input Multiplexer Select. The VB2ADC latches the value of this bit upon receiving an ADI1 RD = 1 or ADI2 command. A change to this bit must be followed by a new command for the ADC behavior to update. 0 VB2ADC measures VBAT2 vs. SGND. 1 VB2ADC measures VBAT2 vs. VBAT1. Double polarity inversion due to negative LSB of VB2ADC. ACCI RW 001 IxACC and VBxACC (I1ACC, I2ACC, VB1ACC, and VB2ACC) register accumulation control. The IxACC, VBxACC registers are updated every ACCN conversions of IxADC, VBxADC with the sum of ACCN samples; ACCN = 4 × (ACCI + 1). New configuration becomes active with the next ADI1 or ADI2 command. 000 IxACC, VBxACC accumulate 4 samples. 001 IxACC, VBxACC accumulate 8 samples. 010 IxACC, VBxACC accumulate 12 samples. 011 IxACC, VBxACC accumulate 16 samples. 100 IxACC, VBxACC accumulate 20 samples. 101 IxACC, VBxACC accumulate 24 samples. 110 IxACC, VBxACC accumulate 28 samples. 111 IxACC, VBxACC accumulate 32 samples. VS1 RW 00 Reference voltage for V1 measurement. 00 V1ADC and V2ADC measure V1 vs. SGND. 01 V1ADC and V2ADC measure V1 vs. VREF1P25. 10 V1ADC and V2ADC measure V1 vs. V3. 11 V1ADC and V2ADC measure V1 vs. V4. VS2 RW 00 Reference voltage for V2 measurement. 00 V1ADC and V2ADC measure V2 vs. SGND. 01 V1ADC and V2ADC measure V2 vs. VREF1P25. 10 V1ADC and V2ADC measure V2 vs. V3. 11 V1ADC and V2ADC measure V2 vs. V4. VS3 RW 0 Reference voltage for V3 measurement. 0 V1ADC and V2ADC measure V3 vs. SGND. 1 V1ADC and V2ADC measure V3 vs. VREF1P25. VS4 RW 0 Reference voltage for V4 measurement. 0 V1ADC and V2ADC measure V4 vs. SGND. 1 V1ADC and V2ADC measure V4 vs. VREF1P25. VS5 RW 0 Reference voltage for V5 measurement. 0 V1ADC and V2ADC measure V5 vs. SGND. 1 V1ADC and V2ADC measure V5 vs. VREF1P25. VS6 RW 0 Reference voltage for V6 measurement. 0 V1ADC and V2ADC measure V6 vs. SGND. 1 V1ADC and V2ADC measure V6 vs. VREF1P25. VS7 RW 0 Reference voltage for V7 measurement. 0 V1ADC measures V7 vs. SGND. 1 V1ADC measures V7 vs. VREF1P25. VS8 RW 0 Reference voltage for V8 measurement. 0 V1ADC measures V8 vs. SGND. 1 V1ADC measures V8 vs. VREF1P25. VS9 RW 0 Reference voltage for V9 measurement. 0 V2ADC measures V9 vs. SGND. 1 V2ADC measures V9 vs. VREF1P25. VS10 RW 0 Reference voltage for V10 measurement. 0 V2ADC measures V10 vs. SGND. 1 V2ADC measures V10 vs. VREF1P25. SOAK RW 000 Delays response of V1ADC and V2ADC to ADV command and further multi-measurements. 000 Soak time disabled. 001 100 µs of soak time. |