công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24LC256T-EST bảng dữ liệu(PDF) 28 Page - Microchip Technology

tên linh kiện 24LC256T-EST
Giải thích chi tiết về linh kiện  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-EST bảng dữ liệu(HTML) 28 Page - Microchip Technology

Back Button 24LC256T-EST Datasheet HTML 24Page - Microchip Technology 24LC256T-EST Datasheet HTML 25Page - Microchip Technology 24LC256T-EST Datasheet HTML 26Page - Microchip Technology 24LC256T-EST Datasheet HTML 27Page - Microchip Technology 24LC256T-EST Datasheet HTML 28Page - Microchip Technology 24LC256T-EST Datasheet HTML 29Page - Microchip Technology 24LC256T-EST Datasheet HTML 30Page - Microchip Technology 24LC256T-EST Datasheet HTML 31Page - Microchip Technology 24LC256T-EST Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 28
© 2007 Microchip Technology Inc.
Note:
T = Temperature range: I = Industrial, E = Extended
NNN
XXXX
TYWW
8-Lead TSSOP
1L7
4L08
I228
Example:
8-Lead TSSOP Package Marking (Pb-free)
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
24AA00
4A00
24LC00
4L00
24C00
4C00
24AA01
4A01
24LC01B
4L1B
24AA014
4A14
24LC014
4L14
24C01C
4C1C
24AA02
4A02
24LC02B
4L02
24AA024
4A24
24LC024
4L24
24AA025
4A25
24LC025
4L25
24C02C
4C2C
24AA04
4A04
24LC04B
4L04
24AA08
4A08
24LC08B
4L08
24AA16
4A16
24LC16B
4L16
24AA32A
4AA
24LC32A
4LA
24AA64
4AB
24LC64
4LB
24FC64
4FB
24AA128
4AC
24LC128
4LC
24FC128
4FC
24AA256
4AD
24LC256
4LD
24FC256
4FD
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42