công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24LC256T-EST bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện 24LC256T-EST
Giải thích chi tiết về linh kiện  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-EST bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button 24LC256T-EST Datasheet HTML 19Page - Microchip Technology 24LC256T-EST Datasheet HTML 20Page - Microchip Technology 24LC256T-EST Datasheet HTML 21Page - Microchip Technology 24LC256T-EST Datasheet HTML 22Page - Microchip Technology 24LC256T-EST Datasheet HTML 23Page - Microchip Technology 24LC256T-EST Datasheet HTML 24Page - Microchip Technology 24LC256T-EST Datasheet HTML 25Page - Microchip Technology 24LC256T-EST Datasheet HTML 26Page - Microchip Technology 24LC256T-EST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 23
24AAXX/24LCXX/24FCXX
Note:
T = Temperature range: I = Industrial, E = Extended
XXXXXNNN
XXXXXXXX
YYWW
8-Lead SOIC
SN
0528
24LC01BI
1L7
Example: Pb-free
3
e
8-Lead SOIC Package Marking (Pb-free)
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
24AA00
24AA00T
24LC00
24LC00T
24C00
24C00T
24AA01
24AA01T
24LC01B
24LC01BT
24AA014
24AA014T 24LC014
24LC014T
24C01C
24C01CT
24AA02
24AA02T
24LC02B
24LC02BT
24AA024
24AA024T 24LC024
24LC024T
24AA025
24AA025T 24LC025
24LC025T
24C02C
24C02CT
24AA04
24AA04T
24LC04B
24LC04BT
24AA08
24AA08T
24LC08B
24LC08BT
24AA16
24AA16T
24LC16B
24LC16BT
24AA32A
24AA32AT 24LC32A
24LC32AT
24AA64
24AA64T
24LC64
24LC64T
24FC64
24FC64T
24AA128
24AA128T 24LC128
24LC128T
24FC128
24FC128T
24AA256
24AA256T 24LC256
24LC256T
24FC256
24FC256T
24AA512
24AA512T 24LC512
24LC512T
24FC512
24FC512T
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42