công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24LC256T-EST bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện 24LC256T-EST
Giải thích chi tiết về linh kiện  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-EST bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button 24LC256T-EST Datasheet HTML 18Page - Microchip Technology 24LC256T-EST Datasheet HTML 19Page - Microchip Technology 24LC256T-EST Datasheet HTML 20Page - Microchip Technology 24LC256T-EST Datasheet HTML 21Page - Microchip Technology 24LC256T-EST Datasheet HTML 22Page - Microchip Technology 24LC256T-EST Datasheet HTML 23Page - Microchip Technology 24LC256T-EST Datasheet HTML 24Page - Microchip Technology 24LC256T-EST Datasheet HTML 25Page - Microchip Technology 24LC256T-EST Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 22
© 2007 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
8-Lead PDIP Package Marking (Pb-free)
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
24AA00
24AA00
24LC00
24LC00
24C00
24C00
24AA01
24AA01
24LC01B
24LC01B
24AA014
24AA014
24LC014
24LC014
24C01C
24C01C
24AA02
24AA02
24LC02B
24LC02B
24AA024
24AA024
24LC024
24LC024
24AA025
24AA025
24LC025
24LC025
24C02C
24C02C
24AA04
24AA04
24LC04B
24LC04B
24AA08
24AA08
24LC08B
24LC08B
24AA16
24AA16
24LC16B
24LC16B
24AA32A
24AA32A
24LC32A
24LC32A
24AA64
24AA64
24LC64
24LC64
24FC64
24FC64
24AA128
24AA128
24LC128
24LC128
24FC128
24FC128
24AA256
24AA256
24LC256
24LC256
24FC256
24FC256
24AA512
24AA512
24LC512
24LC512
24FC512
24FC512
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
I/P
1L7
24LC01B
0528
Example: Pb-free
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42