| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L052R8 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L052R8 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 109 page ![]() STM8L052R8 Pin description Doc ID023337 Rev 2 27/109 21 PE2/TIM1_CH3N/ LCD_SEG3/RTC_TAMP3 I/O FT(2) XX X HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3/ RTC tamper 3 22 PE3/LCD_SEG4 /USART2_RX I/O FT(2) XX X HS X X Port E3 LCD segment 4 /USART2 receive 23 PE4/LCD_SEG5 /USART2_TX I/O FT(2) XX X HS X X Port E4 LCD segment 5 /USART2 transmit 24 PE5/LCD_SEG6/ ADC1_IN23/USART2_CK I/O FT(2) XX X HS X X Port E5 LCD segment 6 / ADC1_IN23/USART2 synchronous clock 63 PE6/PVD_IN/TIM5_BKIN I/O FT(2) XX X HS X X Port E6 PVD_IN /TIM5 break input 64 PE7 /TIM5_ETR I/O FT(2) XX X HS X X Port E7 TIM5 trigger 39 PF0/ADC1_IN24 /[USART3_TX] I/O X X X HS X X Port F0 ADC1_IN24/ [USART3 transmit] 40 PF1/ADC1_IN25/ [USART3_RX] I/O X XX HS X X Port F1 ADC1_IN25/ [USART3 receive] 41 PF4/LCD_SEG36 /LCD_COM4(5) I/O FT(2) X XX HS X X Port F4 LCD_SEG36/ LCD COM4(5) 42 PF5/LCD_SEG37/ LCD_COM5(5) I/O FT(2) X XX HS X X Port F5 LCD_SEG37/ LCD COM5(5) 43 PF6/LCD_SEG38/ LCD_COM6(5) I/O FT(2) X XX HS X X Port F6 LCD_SEG38/ LCD COM6(5) 44 PF7/LCD_SEG39/ LCD_COM7(5) I/O FT(2) X XX HS X X Port F7 LCD_SEG39/ LCD COM7(5) 18 VLCD S LCD booster external capacitor 11 VDD1 S Digital power supply 10 VSS1 I/O ground 12 VDDA S Analog supply voltage 13 VREF+ S ADC1 positive voltage reference 14 PG0/USART3_RX/ [TIM2_BKIN] I/O FT(2) X XX HS X X Port G0 USART3 receive / [Timer 2 - break input] 15 PG1/USART3_TX/ [TIM3_BKIN] I/O FT(2) X XX HS X X Port G1 USART3 transmit / [Timer 3 -break input] Table 4. High density value line STM8L05xxx pin description (continued) Pin number Pin name Input Output Default alternate function |