công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4DIR1401H bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG

tên linh kiện 4DIR1401H
Giải thích chi tiết về linh kiện  ISOFACE™ Digital Isolator 4DIRx4xxH family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR1401H bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG

Back Button 4DIR1401H Datasheet HTML 16Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 17Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 18Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 19Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 20Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 21Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 22Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 23Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
4
Thermal and electrical characteristics
4.1
Absolute maximum ratings
Table 7
Absolute maximum ratings
Note: Stresses above the values listed below may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Maximum ratings are absolute
ratings; exceeding these values may cause irreversible damage to the integrated circuit. These values are not
tested during production test.
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
Supply voltage
VDD1, VDD2
-0.5
 
7.5
V
 
Voltage at pins INx
VINX
 
 
VDDI +
0.5
V
1)
Voltage at pins OUTx
VOUTX
 
 
VDDO
+ 0.5
V
1)
Average output current per pin
IOUT
-10
 
+10
mA
 
Junction temperature
TJ
-40
 
150
°C
 
Storage temperature
TSTG
-65
 
150
°C
 
Soldering temperature
TSOL
 
 
260
°C
reflow soldering according to
JEDEC-J-STD-020
Electrostatic discharge HBM
VESD_HBM
-2
 
2
kV
Human Body Model (HBM)
according to JESD22-A114-B
(discharging 100 pF capacitor
through 1.5 k
Ωresistor)
Electrostatic discharge CDM
VESD_CDM
-1.75  
1.75
kV
Charged Device Model (CDM)
according to JESD22-002
Latch-up capability
ILU
 
 
150
mA
Latch-up immunity
characterization according to
JEDEC78E Class II, pin
voltages according to abs.
max. ratings
1)
VDDI and VDDO refer to the supply voltages on the input and output sides of a given channel, respectively
4.2
Additional ESD ratings
Table 8
Additional ESD ratings
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
Contact discharge per IEC
61000-4-2
|VESD_IEC|
 
22
 
kV
Isolation barrier withstand
test1) 2)
1)
IEC ESD strike is applied across the barrier with all pins on each side tied together creating a two-terminal device.
2)
Testing is carried out in air or oil to determine the intrinsic contact discharge capability of the device.
ISOFACE™ Digital Isolator 4DIRx4xxH family
Robust Digital Isolators with precise timing and low power consumption
4 Thermal and electrical characteristics
Datasheet
20
V1.6
2024-04-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com