công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4DIR1401H bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện 4DIR1401H
Giải thích chi tiết về linh kiện  ISOFACE™ Digital Isolator 4DIRx4xxH family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR1401H bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  4DIR1401H Datasheet HTML 1Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 2Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 3Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 4Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 5Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 6Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 7Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 8Page - Infineon Technologies AG 4DIR1401H Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
ISOFACE™ Digital Isolator 4DIRx4xxH family
Robust Digital Isolators with precise timing and low power consumption
Description
The ISOFACE™ 4DIRx4xxH quad-channel digital isolator family supports data rates up to 40 Mbps and ensures
robust data communication over a wide ambient operating temperature range (-40°C to +125°C) and across
production spread. Infineon’s robust Coreless Transformer (CT) technology provides high immunity against
system noise (CMTI of min. 100 kV/µs) and withstands up to 5700 Vrms isolation voltage (VISO). Four data
channels in a PG-DSO-16 wide-body 300 mil package allow simplified and high power density designs and
improve system efficiency with low power consumption. Product variants with different channel configurations
and fail-safe default output states are available.
Features
•
Data rates up to 40 Mbps
•
Wide operating supply voltage 2.7 V - 6.5 V
•
Low current consumption (max. 1.6 mA/ch @ 1 Mbps, 3.3 V, 15 pF)
•
High CMTI of min. 100 kV/µs
•
Propagation delay typ 26 ns with 3 ns channel-to-channel mismatch
•
Max 3 ns pulse width distortion @ 3.3 V
•
Variable CMOS input thresholds with default output high or low options
•
RoHS compliant PG-DSO-16 wide-body 300 mil package
 
Isolation and safety certificates
•
UL 1577 (Ed. 5) with VISO = 5700 Vrms (certification n. E311313)
•
VDE 0884-17 1)and IEC 60747-17 with VIOTM = 8000 Vpk, VIORM = 1767 Vpk, VIOSM = 10400 Vpk 2)
•
EN and CQC certification for IEC 62368-1, IEC 60601-1, IEC 61010-1, GB 4943.1 system standards 2)
Product validation
Fully qualified according to JEDEC for industrial applications.
Potential applications
•
Server, telecom and Industrial Switch-Mode Power Supplies (SMPS)
•
Industrial automation systems
•
Motor drives
•
Medical equipments
•
Isolated Serial Peripheral Interface (SPI)
1
IEC 60747-17 and its German equivalent VDE 0884-17
2
Certification planned
Datasheet
Please read the sections "Important notice" and "Warnings" at the end of this document
V1.6
www.infineon.com
2024-04-17


Số phần tương tự - 4DIR1401H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
4DIR1401HA INFINEON-4DIR1401HA Datasheet
1Mb / 60P
ISOFACE™ 4DIRx4xxHA family
V1.7
More results

Mô tả tương tự - 4DIR1401H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
iCoupler Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com