công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMCXXXBF bảng dữ liệu(PDF) 84 Page - STMicroelectronics

tên linh kiện SMCXXXBF
Giải thích chi tiết về linh kiện  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF bảng dữ liệu(HTML) 84 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 80Page - STMicroelectronics SMCXXXBF Datasheet HTML 81Page - STMicroelectronics SMCXXXBF Datasheet HTML 82Page - STMicroelectronics SMCXXXBF Datasheet HTML 83Page - STMicroelectronics SMCXXXBF Datasheet HTML 84Page - STMicroelectronics SMCXXXBF Datasheet HTML 85Page - STMicroelectronics SMCXXXBF Datasheet HTML 86Page - STMicroelectronics SMCXXXBF Datasheet HTML 87Page - STMicroelectronics SMCXXXBF Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
CIS information (typical)
SMCxxxBF
84/91
--------
–
Tuple CISTPL_VERS_1 (15), length 18 (12)
–
Major version 4, minor version 1
–
Product Information: Manufacturer: "STM",
–
Product name: "STM-xxxxB"
--------
0056: Code 21, link 02
04 01
--------
–
Tuple CISTPL_FUNCID (21), length 2 (02)
–
Function code 04 (Fixed Disk), system init 01
--------
005E: Code 22, link 02
01 01
--------
–
Tuple CISTPL_FUNCE (22), length 2 (02)
–
This is a PC Card ATA Disk
--------
0066: Code 22, link 03
02 0C 0F
--------
–
Tuple CISTPL_FUNCE (22), length 3 (03)
–VPP is not required
–
This is a silicon device
–
Identify Drive Model/Serial Number is guaranteed unique
–
Low-Power Modes supported: Sleep Standby Idle
–
Drive automatically minimizes power
–
All modes include 3F7 or 377
–
Index bit is not supported
–
-IOIS16 is unspecified in Twin configurations
--------
0070: Code 1A, link 05
01 03 00 02 0F
--------
–
Tuple CISTPL_CONFIG (1A), length 5 (05)
–
Last valid configuration index is 3
–
Configuration Register Base Address is 200
– Configuration Registers Present: Configuration Option Register at 200
– Card Configuration and Status Register at 202
– Pin Replacement Register at 204
– Socket and Copy Register at 206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com