| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMCXXXBF bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMCXXXBF bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 91 page ![]() CF-ATA command description SMCxxxBF 82/91 10.30 Write Verify (3Ch) This command is similar to the Write Sector(s) command, except each sector is verified immediately after being written. This command has the same protocol as the Write Sector(s) command. Table 84 defines the Write Verify command Byte sequence. Table 84. Write Verify Bit 7 6 5432 1 0 Command (7) 3Ch C/D/H (6) 1 LBA 1 Drive Head (LBA 27-24) Cyl High (5) Cylinder High (LBA 23-16) Cyl Low (4) Cylinder Low (LBA 15-8) Sect Num (3) Sector Number (LBA 7-0) Sect Cnt (2) Sector Count Feature (1) X |