công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMCXXXBF bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện SMCXXXBF
Giải thích chi tiết về linh kiện  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 53Page - STMicroelectronics SMCXXXBF Datasheet HTML 54Page - STMicroelectronics SMCXXXBF Datasheet HTML 55Page - STMicroelectronics SMCXXXBF Datasheet HTML 56Page - STMicroelectronics SMCXXXBF Datasheet HTML 57Page - STMicroelectronics SMCXXXBF Datasheet HTML 58Page - STMicroelectronics SMCXXXBF Datasheet HTML 59Page - STMicroelectronics SMCXXXBF Datasheet HTML 60Page - STMicroelectronics SMCXXXBF Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
SMCxxxBF
CF-ATA command description
57/91
10.2
Execute Drive Diagnostic (90h)
This command performs the internal diagnostic tests implemented by the Card.
In PCMCIA configuration, this command only runs on the Card which is addressed by the
Drive/Head register when the command is issued. This is because PCMCIA Card interface
does not allow for direct inter-drive communication.
In True IDE Mode, the Drive bit is ignored and the diagnostic command is executed by both
the Master and the Slave with the Master responding with the status for both devices.
Table 50 defines the Execute Drive Diagnostic command Byte sequence. The Diagnostic
codes shown in Table 51 are returned in the Error Register at the end of the command.
Table 50.
Execute Drive Diagnostic
Bit
7
6
5432
1
0
Command (7)
90h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 51.
Diagnostic Codes
Code
Error Type
01h
No Error Detected
02h
Formatter Device Error
03h
Sector Buffer Error
04h
ECC Circuitry Error
05h
Controlling Microprocessor Error
8Xh
Slave Error in True IDE Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com