| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4841 bảng dữ liệu(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA4841 bảng dữ liệu(HTML) 33 Page - NXP Semiconductors |
|
33 / 60 page ![]() 1999 Oct 25 33 Philips Semiconductors Product specification I2C-bus autosync deflection controller for PC monitors TDA4841PS Fig.16 Relative tOFF time of HDRV as a function of horizontal frequency. handbook, full pagewidth relative tHDRV(OFF)/tH (%) MGM077 52 45 15 30 110 130 f H (kHz) Fig.17 Pulse diagrams for composite sync applications. a. Reduced influence of vertical sync on horizontal phase. b. Generation of video clamping pulses during vertical sync with serration pulses. handbook, full pagewidth composite sync (TTL) internal integration of composite sync internal vertical trigger pulse PLL1 control voltage at HPLL1 (pin 26) at HSYNC (pin 15) pulses at CLBL (pin 16) clamping and blanking MGC947 handbook, full pagewidth composite sync (TTL) at HSYNC (pin 15) clamping and blanking pulses at CLBL (pin 16) MBG596 |