| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24256E-FDW6TP bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256E-FDW6TP bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 46 page ![]() If a match occurs, the corresponding device gives an acknowledgement on serial data (SDA) during the 9th bit time. If the device does not acknowledge the device select code, the device de-selects itself from the bus, and goes into standby mode (therefore it does not acknowledge the device select code). The 8th bit is the Read/Write bit (RW). This bit is set to 1 for read and 0 for write operations. M24256E-F Device addressing DS12687 - Rev 3 page 11/46 |