| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAA7780 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7780 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 70 page ![]() ThunderBird Q3D PCI Audio SAA7780 Accelerator Philips Semiconductors Product Specification 1999 Sep 30 22 MIDI Interface PLL/DSP CLK Subsystem Interface DSP External Memory Interface MIDIIN 18 I-T MIDI Serial Data Input This signal is part of the standard 2 wire MIDI interface. This input receives MIDI data at a rate of 31.25Kbaud. Optical isolation is required. MIDIOUT 11 O-T MIDI Serial Data Output This signal is part of the standard 2 wire MIDI interface. This output transmits MIDI data at a rate of 31.25Kbaud. Optical isolation is required. XTALIN XTALOUT 23 24 I-C O-C OSC Clock Crystal Pad This pin pair describes the pad required for the 14.31818MHz OSC pad oscillator. The OSC clock is used to provide a fixed timebase for many functions within the SAA7780 device. DSPCLK 27 I-T DSP Clock Input This pin can be used as the clock input for the SAA7780 for the DSP subsystem in place of the PLL driving the clock. DSPCLK is also used to drive the DSP subsystem for controllability during testing. PSUB 20 AGND PLL Substrate PLLDPWR 22 DPWR PLL Digital Power PLLDGND 25 DGND PLL Digital Ground PLLAPWR 21 APWR PLL Analog Power PLLAGND 19 AGND PLL Analog Ground MA[14:0] 143,141,140, 139,137,136, 134,132,131, 130,129,127, 126,125,124 O-T External Memory Address Address lines for the external SRAM devices. The external memory interface can be used for DSP code space if the EXT_SRAM_EN (in HDCFG, bit 5) is set. Otherwise, the reverb accelerator will use the external SRAM. |