công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA5281ZP bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện SAA5281ZP
Giải thích chi tiết về linh kiện  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button SAA5281ZP Datasheet HTML 15Page - NXP Semiconductors SAA5281ZP Datasheet HTML 16Page - NXP Semiconductors SAA5281ZP Datasheet HTML 17Page - NXP Semiconductors SAA5281ZP Datasheet HTML 18Page - NXP Semiconductors SAA5281ZP Datasheet HTML 19Page - NXP Semiconductors SAA5281ZP Datasheet HTML 20Page - NXP Semiconductors SAA5281ZP Datasheet HTML 21Page - NXP Semiconductors SAA5281ZP Datasheet HTML 22Page - NXP Semiconductors SAA5281ZP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
1996 Nov 04
19
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
ENHANCED MODE
In enhanced mode, the number of extension packets captured is reduced to the minimum required for FASTEXT
operation. The first seven chapters can then be used for storage, using the system of pointers. The arrangement of
extension packets is shown in Fig.11.
When in enhanced mode and extension packets are disabled, normal 8-page mode is in operation, but the X/26 engine
is enabled (unlike normal 8-page mode).
Fig.11 Organization of the extension memory in enhanced mode.
handbook, halfpage
MBD788
PACKETS 8 / 30 / 0,1
PACKETS 8 / 30 / 2,3
PACKETS 8 / 30 / 4 to 15
17
16
18
ROW
not used
19 to 24
not used
not used
CHAPTER 6 PACKETS 27 / 0
CHAPTER 6 PACKET 24
14
13
15
12
CHAPTER 5 PACKETS 27 / 0
CHAPTER 5 PACKET 24
11
10
CHAPTER 4 PACKETS 27 / 0
CHAPTER 4 PACKET 24
9
8
CHAPTER 3 PACKETS 27 / 0
CHAPTER 3 PACKET 24
7
6
CHAPTER 2 PACKETS 27 / 0
CHAPTER 2 PACKET 24
5
4
CHAPTER 1 PACKETS 27 / 0
CHAPTER 1 PACKET 24
3
2
CHAPTER 0 PACKETS 27 / 0
CHAPTER 0 PACKET 24
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com