| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAA5281ZP bảng dữ liệu(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA5281ZP bảng dữ liệu(HTML) 18 Page - NXP Semiconductors |
|
18 / 48 page ![]() 1996 Nov 04 18 Philips Semiconductors Preliminary specification Integrated Video input processor and Teletext decoder (IVT1.8*) SAA5281 Extension packet memory organization When in normal extension packet enabled mode the rows of information are organized as illustrated in Fig.10. Row 23 of the extension page, as shown in Fig.10, contains packet 8/30. Packet 8/30 is mapped into the IVT1.8* memory as follows: 8 / 30 / 0 and 8 / 30 / 1 to Chapter 4 Row 23 8 / 30 / 2 and 8 / 30 / 3 to Chapter 5 Row 23 8 / 30 / 4 to 8 / 30 / 15 to Chapter 6 Row 23. Fig.10 Organization of the extension memory. (1) Row 25 reserved for VPS data in Chapter 5. handbook, full pagewidth PACKETS X/26/0 to X/26/14 PACKET X/28/2 PACKETS X/27/0 to X/27/1 PACKETS X/27/4 to X/27/5 PACKET X/24 IF R0D7 = 0 PACKET X/25 PACKET X/28/0 PACKET 8/30 PACKET X/28/1 RESERVED ROW 0 to 14 15 16 17 18 19 20 21 22 23 24 25 MBD791 (1) |