công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA3004P bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SAA3004P
Giải thích chi tiết về linh kiện  Remote control transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3004P bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SAA3004P Datasheet HTML 1Page - NXP Semiconductors SAA3004P Datasheet HTML 2Page - NXP Semiconductors SAA3004P Datasheet HTML 3Page - NXP Semiconductors SAA3004P Datasheet HTML 4Page - NXP Semiconductors SAA3004P Datasheet HTML 5Page - NXP Semiconductors SAA3004P Datasheet HTML 6Page - NXP Semiconductors SAA3004P Datasheet HTML 7Page - NXP Semiconductors SAA3004P Datasheet HTML 8Page - NXP Semiconductors SAA3004P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
August 1982
2
Philips Semiconductors
Product specification
Remote control transmitter
SAA3004
GENERAL DESCRIPTION
The SAA3004 transmitter IC is designed for infrared remote control systems. It has a total of 448 commands which are
divided into 7 sub-system groups with 64 commands each. The sub-system code may be selected by a press button,
a slider switch or hard wired.
The SAA3004 generates the pattern for driving the output stage. These patterns are pulse distance coded. The pulses
are infrared flashes or modulated. The transmission mode is defined in conjunction with the sub-system address.
Modulated pulses allow receivers with narrow-band preamplifiers for improved noise rejection to be used. Flashed pulses
require a wide-band preamplifier within the receiver.
The SAA3004 has the following features:
• Flashed or modulated transmission
• 7 sub-system addresses
• Up to 64 commands per sub-system address
• High-current remote output at VDD = 6 V (−IOH = 40 mA)
• Low number of additional components
• Key release detection by toggle bits
• Very low stand−by current (< 2 µA)
• Operational current < 2 mA at 6 V supply
• Wide supply voltage range (4 to 11 V)
• Ceramic resonator controlled frequency (typ. 450 kHz)
• Encapsulation: 20-lead plastic DIL or 20-lead plastic mini-pack (SO-20)
PACKAGE OUTLINES
SAA3004P: 20-lead DIL; plastic (SOT146); SOT146-1; 1996 December 11.
SAA3004T: 20-lead mini-pack; plastic (SO20; SOT163A); SOT163-1; 1996 December 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com