công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA3004P bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện SAA3004P
Giải thích chi tiết về linh kiện  Remote control transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3004P bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  SAA3004P Datasheet HTML 1Page - NXP Semiconductors SAA3004P Datasheet HTML 2Page - NXP Semiconductors SAA3004P Datasheet HTML 3Page - NXP Semiconductors SAA3004P Datasheet HTML 4Page - NXP Semiconductors SAA3004P Datasheet HTML 5Page - NXP Semiconductors SAA3004P Datasheet HTML 6Page - NXP Semiconductors SAA3004P Datasheet HTML 7Page - NXP Semiconductors SAA3004P Datasheet HTML 8Page - NXP Semiconductors SAA3004P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
August 1982
5
Philips Semiconductors
Product specification
Remote control transmitter
SAA3004
Output sequence (data format)
The output operation will start when the selected code is found. A burst of pulses, including the latched address and
command codes, is generated at the output REMO as long as a key is pressed. The format of the output pulse train is
given in Figs 2 and 3. The operation is terminated by releasing the key or if more than one key is pressed at the same
time. Once a sequence is started, the transmitted words will always be completed after the key is released.
The toggle bits T0 and T1 are incremented if the key is released for a minimum time tREL (see Fig.4).
The toggle bits remain unchanged within a multiple key-stroke sequence.
Fig.2 Data format of REMO output; .
REF = reference time; T0 and T1 = toggle bits; S0, S1 and S2 = system address; A, B, C, D, E and F = command bits
(a)
flashed mode: transmission with 2 toggle bits and 3 address bits, followed by 6 command bits (pulses are flashed).
(b)
modulated mode: transmission with reference time, 1 toggle bit and 3 address bits, followed by 6 command bits (pulses are modulated).
Fig.3 REMO output waveform.
(1) Flashed pulse.
(2) Modulated pulse (tPW = (5 × tM) + tMH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com