| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSXXXPR bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FSXXXPR bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 52 page ![]() 38 HPS IMPERATOR® SECTION 1 60 Hertz 60 Hertz all dimensions in inches all dimensions in inches © Hammond Power Solutions Inc. Data subject to change without notice. fIGure a A D E C B G x H A D E C B G x H fIGure B secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers. *Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45. refer to page 64 for wiring schematic drawing. Custom voltage and Va sizes available upon request. secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied with transformers. *Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45. refer to page 65 for wiring schematic drawing. Custom voltages and Va sizes available upon request. primary Voltage: 600 575 550 secondary Voltage: 120 X 240 115 X 230 110 X 220 primary Voltage: 600 575 550 secondary Voltage: 12 X 24 11.5 X 23 11 X 22 Group a Group B Va rating Catalog number mtg. fig. output amps overall dimensions mounting Centers mounting slot Height with finger Guard depth with finger Guard approx. ship Weight lbs. optional primary fuse Kit p/n optional unfused and fused finger Guard Kit p/n a B C d e G X H 50 pH50aJ A 0.42/0.21 3.00 3.81 3.19 2.50 2.25 0.22 x 0.44 4.00 5.25 2.70 PFK1 FG1*/FGF1 75 pH75aJ A 0.63/0.31 3.25 3.69 3.56 2.63 2.50 0.22 x 0.44 4.37 5.13 2.80 PFK1 FG2*/FGF2 100 pH100aJ A 0.83/0.42 3.25 4.06 3.63 2.63 2.63 0.22 x 0.44 4.44 5.50 4.10 PFK1 FG2*/FGF2 150 pH150aJ B 1.25/0.63 4.00 4.63 3.81 3.38 2.75 0.22 x 0.75 4.50 6.13 4.90 PFK2 FG3 250 pH250aJ B 2.08/1.04 4.50 5.25 3.81 3.75 3.13 0.22 x 0.75 4.50 6.75 6.97 PFK2 FG3 350 pH350aJ B 2.92/1.46 4.50 4.88 4.44 3.75 3.75 0.22 x 0.75 4.94 6.38 8.30 PFK3 FG4 500 pH500aJ B 4.17/2.08 4.75 5.56 4.31 4.06 3.44 0.31 x 0.94 4.81 7.06 11.6 PFK3 FG4 750 pH750aJ B 6.25/3.13 5.13 6.38 4.31 4.38 4.00 0.31 x 0.81 4.81 7.88 16.6 PFK3 FG4 1000 pH1000aJ B 8.33/4.17 5.25 6.50 4.94 4.50 4.09 0.31 x 0.81 5.56 8.00 21.0 PFK3 FG5 1500 pH1500aJ B 12.5/6.25 5.25 7.56 4.94 4.50 5.44 0.38 x 1.00 5.56 9.06 30.0 PFK3 FG5 Va rating Catalog number mtg. fig. output amps overall dimensions mounting Centers mounting slot Height with finger Guard depth with finger Guard approx. ship Weight lbs. optional primary fuse Kit p/n optional unfused and fused finger Guard Kit p/n a B C d e G X H 50 pH50ar A 4.17/2.08 3.00 3.81 3.19 2.50 2.25 0.22 x 0.44 4.00 5.25 2.70 PFK1 FG1*/FGF1 75 pH75ar A 6.25/3.13 3.25 3.69 3.56 2.63 2.50 0.22 x 0.44 4.37 5.13 2.80 PFK1 FG2*/FGF2 100 pH100ar A 8.33/4.17 3.25 4.19 3.63 2.63 2.63 0.22 x 0.44 4.44 5.63 4.50 PFK1 FG2*/FGF2 150 pH150ar B 12.5/6.25 4.00 4.94 3.81 3.38 2.75 0.22 x 0.75 4.50 6.44 5.70 PFK2 FG3 250 pH250ar B 20.8/10.4 4.50 5.44 3.81 3.75 3.13 0.22 x 0.75 4.50 6.94 7.50 PFK2 FG3 350 pH350ar B 29.2/14.6 4.50 4.88 4.44 3.75 3.75 0.22 x 0.75 4.94 6.38 8.30 PFK3 FG4 500 pH500ar B 41.7/20.8 4.75 5.56 4.31 4.06 3.44 0.31 x 0.94 4.81 7.06 11.6 PFK3 FG4 |