| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSXXXPR bảng dữ liệu(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FSXXXPR bảng dữ liệu(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 52 page ![]() SECTION 1 HPS FUSION™ 54 Data subject to change without notice. © Hammond power solutions Inc. The HPS Fusion™ line of single phase, general purpose enclosed transformers are ideally suited for general purpose, industrial and light duty loads. They have been designed for indoor applications and offer an efficient and economical solution. These units are well suited for HVAC applications, signal and alarm systems, motor control circuits, lighting and circuit isolation. The HPS Fusion control transformer is an enclosed style unit with either molded terminal blocks (on units up to 3000 VA or 30 amps) or coil face termination. Optional Finger guards and a fuse block adapter kit are available upon request. For an economical approach to general purpose loads, the HPS Fusion is the transformer of choice. Hps fusion™ General purpose enclosed transformer standards The HPS Fusion Control Transformers meet or exceed the standards established by Ul, CSA, IEC and nEmA. standard file # Va size Ul (AnSI/Ul506) E50394 All CSA lr3902 All IEC 61558 All nEmA (ST-1) All the Ideal solution |