| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FSXXXPR bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FSXXXPR bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 52 page ![]() SECTION 9 SECTION 1 37 Machine Tool indusTrial conTrol features & Benefits Continued © Hammond Power Solutions Inc. Data subject to change without notice. Terminal connection numbers molded into the terminal block and correspond to the nameplate and wiring diagrams, make connecting the HPS Imperator quick and simple. Custom injection molded coil cover with its unique “fin shaped” design combines superior cooling properties with a clean, bold look. Made of heavy steel and welded or bolted to the core, these mounting feet provide superior strength in a compact design. Standard secondary and optional primary fuse kits utilizing 13/32” x 1 1/2” midget/type CC fuse clips provide an economical solution to your fusing requirements (fuses not available). SEMS washer allows for easy connection of supply or load wires with or without terminal connectors. Innovative terminal block design provides for easy hook-up and installation of fuse clips. Optional removable finger safe terminal covers available on all units. |