| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HK-2125-R39JTK bảng dữ liệu(PDF) 28 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
HK-2125-R39JTK bảng dữ liệu(HTML) 28 Page - Kemet Corporation |
|
28 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 28 Ordering Code Impedance ( Ω Ω) ±25% Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity BK-1608HW121TK 120 100 0.15 600 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HW241TK 240 100 0.25 450 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HW431TK 430 100 0.30 400 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HW601TK 600 100 0.40 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS220TK 22 100 0.05 1500 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS330TK 33 100 0.08 1200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS470TK 47 100 0.10 900 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS600TK 60 100 0.10 800 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS800TK 80 100 0.10 600 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS121TK 120 100 0.18 500 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS241TK 240 100 0.25 400 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS601TK 600 100 0.45 350 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HS102TK 1000 100 0.60 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HM121TK 120 100 0.20 350 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HM24ITK 240 100 0.35 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HM471TK 470 100 0.45 250 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HM601TK 600 100 0.60 250 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608HM102TK 1000 100 0.70 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL300TK 30 100 0.20 500 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL470TK 47 100 0.30 400 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL560TK 56 100 0.30 400 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL680TK 68 100 0.35 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL121TK 120 100 0.50 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL181TK 180 100 0.65 250 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL24ITK 240 100 0.80 250 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL331TK 330 100 0.85 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL431TK 430 100 0.85 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL511TK 510 100 0.90 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LL681TK 680 100 1.00 150 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LM751TK 750 100 0.60 300 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LM152TK 1500 100 0.75 250 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LM182TK 1800 100 0.85 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608LM252TK 2500 100 1.10 200 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608TS431TK 430 100 0.25 ±30% 400 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608TS601TK 600 100 0.27 ±30% 350 0.80 ±0.15 (0.031 ±0.006) 4,000 BK-1608TS102TK 1000 100 0.35 ±30% 300 0.80 ±0.15 (0.031 ±0.006) 4,000 Ordering Code Impedance ( Ω Ω) ±25% Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity BKP1608HS330TK 33 100 0.025 3000 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS600TK 60 100 0.040 2500 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS101TK 100 100 0.050 1700 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS121TK 120 100 0.035 2700 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS181TK 180 100 0.075 1500 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS271TK 270 100 0.110 1200 0.80 ±0.15 (0.031 ±0.006) 4,000 BKP1608HS391TK 390 100 0.140 1000 0.80 ±0.15 (0.031 ±0.006) 4,000 0603 Multilayer Ferrite Chip Beads Standard Type (BK Series) 0603 Multilayer Ferrite Chip Beads For Power Lines (BKP Series) |